Part Number Hot Search : 
9637D L1302 LQ5AW136 SP8J4 000MHZ 35F0B LOL29K UPD65631
Product Description
Full Text Search
 

To Download NRESR47M6363X7F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
SUBMINIATURE, RADIAL LEADS, POLARIZED FEATURES * LOW PROFILE, 7mm HEIGHT * STABLE & HIGH PERFORMANCE CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current @ (20oC) After 2 min. Max. Tan @ 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test at Rated W.V. 85C 1,000 Hours
NRE-S Series
includes all homogeneous materials *See Part Number System for Details 6.3 ~ 63 VDC 0.1 ~ 220F -40 ~ +85C + 20% (M) 0.01CV or 3A , whichever is greater W.V. (Vdc) 6.3 10 16 25 35 50 63 S.V. (Vdc) 8 13 20 32 44 63 79 Tan 0.24 0.20 0.16 0.14 0.12 0.10 0.08 Z-25C/Z+20C 4 3 2 2 2 2 2 Z-40C/Z+20C 10 8 6 4 4 4 4 Capacitance Change Within +25% of initial measured value Tan Less than 200% of specified maximum value Leakage Current Less than specified maximum value
RoHS Compliant
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85oC)

MAXIMUM ESR ( at 120Hz AND 20oC)

STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)

PART NUMBERING SYSTEM NRES 100 M 35V 4X7 F .
RoHS Compliant Case Size (D x L) Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier Series
LEAD SPACING AND DIAMETER (mm)

Polarity Marking Insulation Sleeve



d 0.05
F 0.5
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
L + max.
15mm Min.
4mm Min.
D
52
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRESR47M6363X7F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X